page . 1 august 6,2013 document number : 130315 pjgblc15c-au pjgblc24c-au features ? iec 61000-4-2 +15kv air, +8kv contact ? replacement for mlv (0805) ? protects one power or i/o port ? low clamping voltage ? ultra low capacitance : 3pf maximum ? acqire quality system certificate : ts16949 ? aec-q101 qualified ? lead free in comply with eu rohs 2011/65/eu directives ? green molding compound as per iec61249 std. . (halogen free) mechanical data ? case: sod-323,molded plastic over passivated junction ? terminals: solderable per mil-std-750, method 2026 ? approx. weight: 0.0041 grams ultra low capacitance tvs array voltage 15~24 volts 350 watts power maximum ratings (@25c unless otherwise specified) electrical characteristics per line (@25c unless otherwise specified) parameter symbol value units peak pulse power (t p =8/20 ? s)-see figure 1 p pp 350 watts operating and storage temperature range t j ,t stg -55 to +150 o c part number (see notes1-2) peak power dissipation @8/20 ? s p ppm rated-stand- off voltage reverse breakdown voltage maximum clamping voltage (see fig.2) @8/20 ? s p ppm leakage current off-state capacitance, 1mhz zero dc bias marking code 0v@1mhz v rwm v br @ i t v c @i pp i r @ v rwm c o max. min. max. i t max. max. w v v v ma v a ? a pf pjgblc15c-au 350 15 17.39 19.22 1 24 1 1 3 an pjgblc24c-au 350 24 27.27 30.14 1 43 1 1 3 ap 0.078(1.95) 0.068(1.75) 0.054(1.35) 0.045(1.15) 0.107(2.7) 0.090(2.3) 0.012(0.30)min. 0.006(0.15) 0.002(0.05) 0.014(0.35) 0.009(0.25) 0.036(0.90) 0.027(0.70) bidirectional
page . 3 august 6,2013 document number : 130315 pjgblc15c-au pjgblc24c-au 0.1 1 10 100 1000 10000 10000 1000 100 10 0 5 10 15 20 25 30 120 100 80 60 40 20 0 350w 8/20 s waveform td=t ipp/2 e -t t f peak value ipp te s t wave form parameters =8 td = 20 ts s f fig.1 peak pulse power vs pulse time td-pulse duration- s p -peak pulse power-watts pp t-time- fig.2 pulse wave form i -peak pulse current-% of i pp pp
page . 4 august 6,2013 document number : 130315 pjgblc15c-au pjgblc24c-au mounting pad layout order information ? packing information t/r - 12k per 13" plastic reel t/r - 5k per 7" plastic reel 0.113 (2.86) 0.069 (1.74) 0.022 (0.56) 0.032 (0.82)
page . 5 august 6,2013 document number : 130315 pjgblc15c-au pjgblc24c-au part no_packing code_version pjgblc15c-au_r1_000a1 pjgblc15c-au_r2_000a1 for example : rb500v-40 _ r2 _ 00001 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d
page . 6 august 6,2013 document number : 130315 pjgblc15c-au pjgblc24c-au disclaimer ? reproducing and modifying information of the document is prohibited without permission from panjit international inc.. ? panjit international inc. reserves the rights to make changes of the content herein the document anytime without notification. please refer to our website for the latest document. panjit international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentally and consequentially occurred. ? panjit international inc. does not assume any and all implied warranties, including warranties of fitness for particular purpose, non-infringement and merchantability. ? applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications. panjit international inc. makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. ? the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages resulting from such improper use or sale. ? ? since panjit uses lot number as the tracking base, please provide the lot number for tracking when complaining.
|